Part Number Hot Search : 
B70NF B1010 57100 STN85109 SN3904 MCP111 12S15 1107R2
Product Description
Full Text Search
 

To Download LTP450BY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOKEN
LTP Ceramic Filters for AM
Ceramic Filters for AM
Token Ceramic Filters for AM are Compatible Murata SFU450/455kHz
Preview Token ceramic filters are primarily designed for piezoelectric lines and conform to the RoHS directive and Lead-free. Ceramic filters for AM (LTP) series are designed to address the needs of standard AM filtering requirements. These filters are recommended for use in low cost products where economically, efficient designs are critical. The LTP series for AM use is one of the most recommendable intermediate filters, having such distinctive features as high selectivity, high stability, and adjustment-free operation. Additionally its easy matching with IC helps create an easy circuit design. Token ceramic filters can supply you high performance, high quality and stability. The LTP series can be customed designs and tighter tolerances available on request. Application of ceramic filters specific designs also available including different piezo band-pass devices and Q specifications adjusted to frequency requirements. Benefit Features - Center frequency range between 450~470kHz are available standard tolerance of 2kHz. - Insert Loss (dB) max 5.0 db.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
01 of 03
TOKEN
Dimensions 7.0
LTP 455B
LTP Ceramic Filters for AM
3.2
Input Ground Output
9.0
2.5
2.5
L
Technical Characteristics
IFT+LTP450B
0 Attenuation(dB) 10 20 30 40
50
60 435 445 455 465 475
Frequency(MHz)
Part Number LTP455A LTP455B LTP450BY LTP450BY1
3dB Band Width (kHz) 9.53 9.53 72 4.51.5
Center Frequency (fo) (kHz) 4552 4622 4552 452.52
Selectivity(dB)min -9kHz off 5.0 5.0 6.0 9.0 +9kHz off 3.0 3.0 5.0 8.0
Insert Loss (dB) max 5.0 5.0 5.0 5.0
Composition one element one element with IFT
Lead Length L (mm) L1 L2 3.6 5.0
Note: Center Frequency (fo) is available in a range of 450~470kHz. The nominal frequency tolerance is2kHz.
02 of 03
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Recommended IFT (7mm Square) Item Winding Specification
~
LTP Ceramic Filters for AM
LTP 455B
~ ~
Form bottom unloaded Qu Tuning Capacity
70T
115T 105 108PF
7T
Test Circuit
R1 Rg S.S.G R2 RF V.M Rg+ R1= R2=3K
~
How to Order
LTP455A Part Number Package
P
Back to 1st Page - Ceramic Filters for AM - LTP
Version 2010
http://www.token.com.tw/ rfq token.com.tw
03 of 03


▲Up To Search▲   

 
Price & Availability of LTP450BY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X